Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 57Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
SZA [m]
Move data memory to ACC, skip if zero
Description
The contents of the specified data memory is copied to accumulator. If the
contents is zero, the following instruction, fetched during the current instruc-
tion execution, is discarded and a dummy cycle is replaced to get the proper
instruction. This is a 2-cycle instruction. Otherwise proceed with the next
instruction.
Operation
Skip if [m]=0, ACC
← [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
SZ [m].i
Skip if bit i of the data memory is zero
Description
If bit i of the specified data memory is zero, the following instruction, fetched
during the current instruction execution, is discarded and a dummy cycle is
replaced to get the proper instruction. This is a 2-cycle instruction. Otherwise
proceed with the next instruction.
Operation
Skip if [m].i=0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
TABRDC [m]
Move ROM code (current page) to TBLH and data memory
Description
The low byte of ROM code (current page) addressed by the table pointer
(TBLP) is moved to the specified data memory and the high byte transferred
to TBLH directly.
Operation
[m]
← ROM code (low byte)
TBLH
← ROM code (high byte)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
TABRDL [m]
Move ROM code (last page) to TBLH and data memory
Description
The low byte of ROM code (last page) addressed by the table pointer (TBLP)
is moved to the data memory and the high byte transferred to TBLH directly.
Operation
[m]
← ROM code (low byte)
TBLH
← ROM code (high byte)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
HT9480
56
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com