Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
• Decoder control address
The decoder control address (1EH) contains a
data ready flag (DR), a battery low flag (BL),
an out of range flag (OR), a battery fail flag
(BF), a decoder standby flag (STB), a call
termination indication flag (CT), a decoder
software reset (RES), and a decoder on/off
control bit (ON). It not only records the status
information but controls the operation of the
decoder.
Any data written to the decoder control ad-
dress cannot change the OR, BF, STB and CT
flags.
If the status of the battery fail (BF) changes
from “1” to “0”, the following conditions occur.
• The pager controller generates an interrupt if
the value of the data ready interrupt flag is “1”.
• The pager controller does not generate an
interrupt and no data is transmitted if the
value of the data ready interrupt flag is “0”.
On the other hand, if the status of the battery
fail (BF) changes from “0” to “1”, the internal
node PA.7 of the pager controller will supply a
wake-up function.
After the decoder asserts the data transfer
request, the data ready interrupt is generated
and the DR bit (bit 7 of 1EH) is cleared low;
then the data ready interrupt subroutine runs
to process the call data and resets the DR bit
high.
Decoder interface
HT9480
25
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com