Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
DECA [m]
Decrement data memory - place result in accumulator
Description
Data in the specified data memory is decremented by one, leaving the result
in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC
← [m]–1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
––
–
–
–
√
––
HALT
Enter powerdown mode
Description
This instruction stops program execution and turns off the system clock. The
contents of the RAM and registers are retained. The WDT and prescaler are
cleared. The power down bit (PD) is set and the WDT time-out bit (TO) is
cleared.
Operation
PC
← PC+1
PD
← 1
TO
← 0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
01
––
––
INC [m]
Increment data memory
Description
Data in the specified data memory is incremented by one
Operation
[m]
← [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
––
–
–
–
√
––
INCA [m]
Increment data memory - place result in accumulator
Description
Data in the specified data memory is incremented by one, leaving the result
in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC
← [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
––
–
–
–
√
––
HT9480
46
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com