Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Baud rate selection bits (SPF12, SPF13, SPF14)
SPF12
SPF13
SPF14
Connected Crystal (Hz)
Baud Rate (Hz)
0
0
0
32768
512
0
0
1
76.8k
512
0
1
0
76.8k
1200
0
1
1
76.8k
2400
1
0
0
153.6k
512
1
0
1
153.6k
1200
1
1
0
153.6k
2400
• SPF15
1: 4-bit burst error correction for address and
message code-word
0: 2-bit random error correction for address
and message code-word
• SPF16
1: Out-of-range Hold-off period according to
SPF06 and SPF07
0: Out-of-range Hold-off period is zero
regardless of SPF06 and SPF07
• SPF17
Tone generation frequency source selector
0: System clock
1: 32.768kHz
• SPF18
Tone generation frequency duty control
0: frequency duty cycle 1/2
1: frequency duty cycle 1/4
• SPF19
Non-inversion or inversion data input selection
1: Inversion input selected for DI from RF
Circuit, referring to DI
0: Non-inversion input selected for DI from
RF circuit
• SPF20
Message code-word packaging method
1: 4 bits packaging mode
0: 7 bits ASCII mode
• SPF21, SPF22, SPF23
Internal state status (for testing only)
HT9480
35
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com