Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Absolute Maximum Ratings*
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature............... –25
°C to 85°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
D.C. Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
3V application
2.2
3.0
3.5
V
IDD
Operating Current
3V
No load,
fsys=153.6kHz
—300
—
µA
ISTB1
Standby Current 1
3V
No load, System
HALT (Watchdog ON)
—200
—
µA
ISTB2
Standby Current 2
3V
No load, System
HALT (Watchdog OFF)
——
1
µA
VIL
Input Low Voltage for
Input Port and I/O Port
3V
—
0
—
1
V
VIH
Input High Voltage for
Input Port and I/O Port
3V
—
2.2
—
3
V
VIL1
Input Low Voltage
(RES,TMR1,BAL)
3V
—
0
—
1
V
VIH1
Input High Voltage
(RES,TMR1,BAL)
3V
—
2.2
—
3
V
VIL2
Input Low Voltage (BAF)
3V
—
0
—
0.9
V
VIH2
Input High Voltage (BAF)
3V
—
1.3
—
3
V
IOL
I/O Port Sink Current
3V
VOL=0.3V
1.7
3.4
—
mA
IOH
I/O Port Source Current
3V
VOH=2.7V
–1
–1.9
—
mA
IOL
Segment 0-34 Output
Sink Current
3V
VOL=0.3V
20
44
—
µA
IOH
Segment 0-34 Output
Source Current
3V
VOH=2.7V
–20
–38
—
µA
IOL
BZ, Sink Current
3V
VOL=0.3V
1
2.5
—
mA
IOH
BZ, Source Current
3V
VOH=2.7V
–1
–2
—
mA
HT9480
5
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com