Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
User address format
A user address in the POCSAG code consists of
21 bits. Three of the 21 bits are coded in the
frame number and are therefore not explicitly
transmitted. In the decoder, the addresses A, B,
C, D, E and F can use 6 different frames respec-
tively. Every address has to be explicitly en-
abled by resetting the associated enable bit.
Examples:
Address decimal value: RICA=10535
Binary equivalent(14 bits): 10100100100111
Binary equivalent(18+3 bits):
000000010100100100111
Register allocation:
A00 A01 A02 A03 A04 A05 A06 A07 A08
00
00
00
01
0
A09 A10 A11 A12 A13 A14 A15 A16 A17
10
01
00
10
0
FR12
FR11 FR10
11
1
Configuration
The program mode changes to the STANDBY
state by setting the ON bit high at any time. The
configuration RAM can be programmed only
when the value of the STB flag is 1. After the
configuration RAM is programmed and the ON
bit is set low, the system quits the program
mode and resumes normal operation.
Test mode
The test mode of the decoder is selected by
setting the TS pin low at any time. In the test
mode, the RF control outputs BS1 and BS3 are
set high constantly, but BS2 is set low.
After the TS pin is set high the decoder exits the
test mode.
RF control
The HT9480 provides the BS1-BS3 signals for
RF control.
• BS1: Receiver enabled
Receiver establishment
time (tBS1)
Option
512 bps
1200/2400 bps
SPF00 SPF01
7.81ms
53.33ms
0
0
15.63ms
6.67ms
0
1
31.25ms
13.33ms
1
0
62.50ms
26.67ms
1
1
• BS2: Quick charge
RF dc level adjustment
time (tBS2)
Option
512 bps
1200/2400 bps
SPF02 SPF03
7.81ms
1.67ms
0
0
11.71ms
6.67ms
0
1
15.63ms
11.67ms
1
0
19.53ms
13.33ms
1
1
• BS3: PLL enabled
PLL establishment
time (tBS3)
Option
512 bps
1200/2400 bps
SPF04 SPF05
0ms
0ms
0
0
31.25ms
26.67ms
0
1
46.87ms
40.00ms
1
0
62.50ms
53.33ms
1
1
Timing
Timing
HT9480
33
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com