Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
The operation of the decoder is controlled by a
pager control address (1EH) in conjunction with
a pager data address (1FH). Upon receipt of a
valid call the data ready interrupt is generated.
• The POCSAG paging code
The CCIR Radio paging Code No.1 (POCSAG
Code) is constructed according to the follow-
ing rules:
A transmission consists of a preamble fol-
lowed by a batch of complete code words. Each
batch begins with a synchronization codeword
(SC). The format of the signal is illustrated in
the following Figure.
Each transmission begins with a preamble to
achieve bit synchronization. The preamble is
a pattern of one and zero; 10101010... re-
peated for a period of at least 576 bits.
Codewords are transmitted in batches. Each
batch consists of a synchronization codeword
followed by 8 frames. Each frame consists of 2
codewords. The eight frames are numbered 0
through 7. All pagers are similarly divided
into 8 groups. Each pager is assigned to one of
the 8 frames according to the 3 least signifi-
cant bits (LSB) of its 21-bit identity code (ad-
dress). The 3 bits are called “Receiver Identity
Code” (RIC).
POCSAG code structure
LCD timing
HT9480
23
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com