Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Termination word format
Successful call termination occurs by the recep-
tion of a valid address code-word with less than
2 bit errors on the decoder output register.
Unsuccessful termination occurs when sync is
not detected.
Termination word format:
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Error
Flag
00
0
0
1
0
0
Call data output format
The HT9480 automatically converts message
code-words received in numeric or alphanu-
meric format into ASCII format. Depending on
SPF09 and the function bit setting in the re-
ceived address code-word a conversion takes
place as shown in the following table.
Function Bits
Message
Format
SPF 09 Bit 20
Bit 21
0
X
X
numeric
100
numeric
1
X
1
alpha-numeric
1
1
X
alpha-numeric
When a conversion from alphanumeric format
to ASCII takes place, the received message
code-words are split into message blocks, seven
bits in length. After adding the error flag they
are transferred as message words.
When a conversion from numeric format to ASCII
takes place, the received message code-words
are split into blocks, four bits in length. Each
four bit block is converted to a seven bit block as
shown in the following table. After adding the
error flag they are transferred as message
words. Refer to the “Numeric format to ASCII
conversion” table.
There is a new message packaging method after
receipt of message code-words. The new mes-
sage packaging method is 4 bits packaging type.
Depending upon SPF20=1, message code-word
conversion takes place as show in the following
table.
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Error
Flag
00
0
D3
D2
D1
D0
The received message code-words are split into
blocks, four bits in length. Each four bit block is
directly transferred to a four bit block. After
adding the error flag they are transferred as
message words.
HT9480
29
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com