Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Numeric format to ASCII conversion:
4-bit block
Character
7-bit block
msb
lsb
msb
lsb
0000
“0”
011000
0
0001
“1”
011000
1
0010
“2”
011001
0
0011
“3”
011001
1
0100
“4”
011010
0
0101
“5”
011010
1
0110
“6”
011011
0
0111
“7”
011011
1
1000
“8”
011100
0
1001
“9”
011100
1
1010
“*”
010101
0
1011
“U”
101010
1
1100
“ ”
010000
0
1101
“-”
010110
1
1110
“]”
101110
1
1111
“[”
101101
1
Synch word indication
The synch word recognized by HT9480 is the standard POCSAG synchronization code-word, as
shown in the following table.
Bit No.
01
23
45
6789
10
11
12
13
14
15
Bit
0
1
1
1
110011010010
Bit No.
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit
0
0
0
1
010111011000
Idle word indication
The idle word recognized by the HT9480 is the standard POCSAG idle code-word, as shown in the
following table.
Bit No.
01
23
45
6789
10
11
12
13
14
15
Bit
0
1
1
1
101010001001
Bit No.
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit
1
1
0
0
000110010111
HT9480
30
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com