Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
NO. Interrupt Source Priority Vector
a
Data ready
interrupt and
battery fail
interrupt
104H
c
Programmable
timer interrupt
208H
d
Timer/event
counter overflow
30CH
The programmable timer interrupt request flag
(T0F), timer/event counter interrupt request
flag (T1F), data ready interrupt and battery fail
interrupt request flag (EIF), enable timer/event
counter bit (ET1I), enable data ready interrupt
bit (EEI), and enable programmable timer in-
terrupt bit (ET0I) make up the register INTC
which is located at 0BH in the data memory.
The EEI, ET0I, ET1I, and EMI bits are all used
to control the enable/disable status of the inter-
rupts, preventing the requested interrupt from
being serviced. Once the interrupt request flags
(T0F, T1F, and EIF) are set, they will remain in
the INTC register until the interrupts are serv-
iced or cleared by a software instruction.
A “CALL subroutine” in the interrupt subrou-
tine should be used. This is because interrupts
often occur in an unpredictable manner or need
to be immediately serviced in some applica-
tions. During this time, if only one stack is left,
and enabling the interrupt is not well control-
led, the operation of a “CALL subroutine” in the
interrupt service routine is quite likely to upset
the original control sequence.
Oscillator configuration
The system core and the pager subsystem of the
HT9480 are clocked by different oscillators. The
system oscillator can be either a crystal or an
RC type. The subsystem low power oscillator, on
the other hand, is a crystal type which is de-
signed with the power on start-up function to
reduce the stabilization time of the oscillator.
This start-up function is enabled by PC2 which
is initially set high at power on reset, and
should be cleared so as to enable the low-power
oscillator function. The oscillator configuration
is running in the low power mode.
The system oscillator can be configured as
either an RC or crystal type of oscillator, deter-
mined by mask option. No matter what kind of
oscillator type is selected, the signal provides a
system clock. The system clock may also be
externally connected. The HALT mode stops
the system oscillator and ignores external sig-
nals to conserve power.
If the system oscillator is an RC type oscillator,
an external resistor between OSC1 and OSC2 is
required. The system clock is available on
OSC2, which can be used to synchronize exter-
nal logic. An RC oscillator provides the most
cost-effective solution. The frequency of oscilla-
tion may vary with power, temperature, and the
chip itself due to process variations. The RC
oscillator is, therefore, not suitable for timing
sensitive operations where an accurate oscilla-
tor frequency is desired.
On the other hand, if a crystal type oscillator is
used, a crystal across OSC1 and OSC2 is re-
quired to provide the feedback and phase shift
for oscillation, and no other external compo-
nents are required. A ceramic resonator can
replace the crystal connected between OSC1
and OSC2 to derive a frequency reference. In
this case, two external capacitors at OSC1 and
OSC2 are required.
Low power oscillator
HT9480
14
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com