Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Pin Description
Pin No
Pin Name
I/O
Function
43~49
PA0~PA6
I
7-bit input ports, with pull-high resistors
Each bit can be configured as a wake-up input by mask option.
54~61
PB0~PB7
I/O
Bidirectional 8-bit input/output ports, pull-high mask option
The output structures, whether tri-state or CMOS, are
determined by software instructions.
62~63
PC0~PC1
I/O
Bidirectional 2-bit input/output ports, pull-high mask option
The output structures, whether tri-state or CMOS, are
determined by software instructions.
1, 42,
52, 64
VSS
Negative power supply (GND)
76
77
X1
X2
I
O
X1 and X2 are connected to an external crystal to form an
internal low power oscillator clock.
40
41
OSC1
OSC2
I
O
OSC1 and OSC2 are connected to an RC network or a crystal
(determined by mask option) to form the system clock oscillator.
For RC operation, OSC2 is the output terminal of the system
clock.
53
RES
I
Schmitt trigger reset input, active low
68
BAF
I
Battery fail interrupt with debounce circuit input
50
TMR1
I
Schmitt trigger input for timer/event counter
2, 39, 51
67
VDD
Positive power supply
65
BZ
O
Buzzer non-inverting BZ output
The BZ pin outputs “high” at buzzer off (by setting the value 00H
of 1DH)
3~34
78~80
SEG31~SEG0
SEG34~SEG32
O
LCD driver outputs for LCD panel segments
35~38
COM3~COM0
O
Outputs for LCD panel common connections
66
TSC
I
µC test mode input pin, active low with pull-high resistor
75
TS
I
Decoder test mode input pin, active low with a pull-high resistor
69
BAL
I
Battery low indication input, active high without pull-high
resistor
70
DI
I
POCSAG code input serial data (inverting or non-inverting as
determined by SPF32). CMOS input without pull-high resistor
71
BS1
O
Pager receiver power control enable output, CMOS output
72
BS2
O
RF dc level adjustment pin, CMOS output
73
BS3
O
PLL control pin, CMOS output
74
FOUT
O
Frequency reference output pin
The FOUT output pin produces a 76.8kHz/153.6kHz signal with
a 1/2 duty cycle reference frequency if a 76.8kHz crystal is used.
HT9480
4
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com