Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Watchdog timer
mode initializes a “warm reset” only when the
PC and SP are reset to zero. To clear the con-
tents of the WDT (including the WDT pres-
caler), there are three methods to be adopted
namely, external reset (a low level to RES),
software instruction(s), and a “HALT” instruc-
tion. There are two types of software instruc-
tions,
“CLR WDT” and “CLR WDT1”/“CLR
WDT2”. But only one of these two types of in-
structions can be active at a time depending on
the mask option
− “CLR WDT times selection
option”. If the “CLR WDT” is selected (i.e.,
CLRWDT times equal one), any execution of the
“CLR WDT” instruction clears the WDT. In the
case that “CLR WDT1” and “CLR WDT2” are
chosen (i.e., CLRWDR times equal two), these
two instructions should be executed to clear the
WDT; otherwise, the WDT may reset the chip
due to a time-out.
Powerdown operation – HALT
The HALT mode is initialized by the “HALT”
instruction and results in the following.
The system turns off. The low power oscillator,
tone generator, LCD driver, pager decoder, and
WDT oscillator all keep running (if the WDT
oscillator is selected).
The contents of the on–chip RAM and of the
registers remain unchanged.
The WDT and the WDT prescaler are cleared
and counted again (if the WDT clock is from the
WDT oscillator).
All the I/O ports remain in their original status.
The PD flag is set but the TO flag is cleared.
The system can quit the HALT mode by an
external reset, an interrupt, an external falling
edge signal on port A, or a WDT overflow. An
external reset leads to device initialization and
the WDT overflow performs a “warm reset”.
After the TO and PD flags are examined, the
reason for the chip reset is determined. The PD
flag that is cleared on power-up is set after the
“HALT” instruction is executed. The TO flag is
set when the WDT time-out occurs, which
causes a wake-up that resets only the PC and
SP, and leaves the others in their original status.
The port A wake-up and interrupt methods can
be considered as a continuation of normal exe-
cution. Every bit in port A can be independently
selected to wake up the device by mask option.
Awakening from an I/O port stimulation, the
program resumes execution of the next instruc-
tion. However, if the program awakens from an
interrupt, two sequences may occur. The pro-
gram will resume execution at the next instruc-
tion if the related interrupt(s) is (are) disabled
or the interrupt(s) is (are) enabled but the stack
is full. A regular interrupt response, on the
other hand, may take place if the interrupt is
enabled and the stack is not full.
If the wake-up event(s) occurs and the wake-up
results from an interrupt acknowledge, the actual
interrupt subroutine execution is delayed by one
or more cycles. On the other hand, if the wake-
up brings about the following instruction execu-
tion, the actual interrupt subroutine is executed
immediately after the dummy period is completed.
To minimize power consumption, the I/O pins
should all be carefully managed before entering
the HALT status.
HT9480
16
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com