Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Address
Bit Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
40H
ENA
A00
A01
A02
A03
A04
A05
A06
41H
A07
A08
A09
A10
A11
A12
A13
A14
42H
A15
A16
A17
FA2
FA1
FA0
43H
ENB
B00
B01
B02
B03
B04
B05
B06
44H
B07
B08
B09
B10
B11
B12
B13
B14
45H
B15
B16
B17
FB2
FB1
FB0
46H
ENC
C00
C01
C02
C03
C04
C05
C06
47H
C07
C08
C09
C10
C11
C12
C13
C14
48H
C15
C16
C17
FC2
FC1
FC0
49H
END
D00
D01
D02
D03
D04
D05
D06
4AH
D07
D08
D09
D10
D11
D12
D13
D14
4BH
D15
D16
D17
FD2
FD1
FD0
4CH
ENE
E00
E01
E02
E03
E04
E05
E05
4DH
E07
E08
E09
E10
E11
E12
E13
E14
4EH
E15
E16
E17
FE2
FE1
FE0
4FH
ENF
F00
F01
F02
F03
F04
F05
F05
50H
F07
F08
F09
F10
F11
F12
F13
F14
51H
F15
F16
F17
FF2
FF1
FF0
52H
SPF00
SPF01
SPF02
SPF03
SPF04
SPF05
SPF06
SPF07
53H
SPF08
SPF09
SPF10
SPF11
SPF12
SPF13
SPF14
SPF15
54H
SPF16
SPF17
SPF18
SPF19
SPF20
SPF21
SPF22
SPF23
Duplicate call suppression
The HT9480 provides a Duplicate Call Suppres-
sion with time-out facility, to identify duplicate
call reception. In display pager mode, duplicate
call indication is achieved only via the
µC inter-
face. A call is assumed to be duplicate if its
address and function bit setting is equal to the
latest received call, which initialized the call
address and function bit reference. The Dupli-
cate Call suppression time-out is selected by
programming SPF06, SPF07.
Configuration RAM organization
The decoder contains a 21-byte RAM to store 6
user addresses, 6 independently programmable
frame numbers and specially programmed
function bits (SPF00~SPF23) for the decoder
application configuration. The data memory is
mapped to the addresses 40H~54H of bank 27.
HT9480
32
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com