Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Description of the special
programmed function bits (SPF)
The following features can be selected by appro-
priate programming of the specially pro-
grammed function bits:
• SPF00, SPF01
Receiver (BS1) establishment time (for the
BS2~BS3 options, refer to SPF2~SPF5)
00: 7.81ms/512
53.33ms/1200/2400
01: 15.63ms/512
6.67ms/1200/2400
10: 31.25ms/512
13.33ms/1200/2400
11: 62.50ms/512
26.67ms/1200/2400
• SPF02, SPF03
RF dc level adjustment (BS2) enable time
00: 7.81ms/512
1.67ms/1200/2400
01: 11.71ms/512
6.67ms/1200/2400
10: 15.63ms/512
11.67ms/1200/2400
11: 19.53ms/512
13.33ms/1200/2400
• SPF04, SPF05
PLL (BS3) establishment time
00: 0ms/512 0ms/1200/2400
01: 31.25ms/512
40.00ms/1200/2400
10: 46.87ms/512
40.00ms/1200/2400
11: 62.50ms/512
53.33ms/1200/2400
• SPF06, SPF07
Duplicate the call suppress time-out and out-
of-range hold-off time-out
00: 30s/512/1200
15s/2400
01: 60s/512/1200
30s/2400
10: 120s/512/1200
60s/2400
11: 240s/512/1200
120s/2400
• SPF08, SPF09
Call termination criteria combination method
and message data deformatting method
0x : Any two consecutive codewords or the
codeword directly following the address
codeword in error
10 : Any single codeword in error
11 : Any two consecutive codewords in error
x0 : Numeric data deformation
x1 : Numeric data deformation on function
code 00 only
• SPF10, SPF11
Tone generation frequency prescaler divider
00: Prescaler factor 1
01: Prescaler factor 2
10: Prescaler factor 4
11: Prescaler factor 8
HT9480
34
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com