Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Reset
There are five ways in which a reset can occur:
• Power on reset (POR)
• RES reset during normal operation
• RES reset during HALT
• WDT time-out reset during normal operation
• WDT time-out reset during HALT
The WDT time-out during HALT is different
from other chip reset conditions, since it can
perform a “warm reset” that just resets the PC
and SP, leaving the other circuits to keep their
state. Some registers remain unchanged during
other reset conditions. Most registers are reset
to the “initial condition” when the reset condi-
tions are met. By examining the PD and TO
flags, the program can distinguish between dif-
ferent “chip resets”.
TO
PD
RESET Conditions
0
0
Power on reset
uu
RES reset during normal
operation
01
RES wake-up HALT
1u
WDT time-out during normal
operation
1
1
WDT wake-up HALT
Note:“u” means “unchanged”
If crystal mask option is selected, the
µC clock
can be fed by X1, X2 decoder input clock (See
Application Circuit 2).
The functional units chip reset status is shown
in the following table.
PC
0000H
Interrupt
Disabled
Prescaler
Cleared
WDT
Cleared. After master
reset, WDT starts
counting.
Programmable
timer Counter
Off
Timer/event
Counter
Off
Programmable
Tone Generator
Off
Pager Decoder
Off
Input/output Ports
input mode
SP
Points to the top of the
stack
Reset circuit
Reset configuration
HT9480
17
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com