Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
ready interrupt bit (DR; bit 7 of 1EH). Once the
data ready interrupt is triggered, the stack is
not full, and the EMI bit is set, a subroutine call
to location 04H will occur. The related interrupt
request flag (EIF) will, however, be reset, and
the EMI bit cleared to disable further inter-
rupts. This interrupt should be processed care-
fully if the battery fail interrupt is activated as
well.
The battery fail interrupt, on the other hand, is
triggered by a high to low transition on BAF.
When the battery fail interrupt is enabled, the
stack is not full, and the interrupt request flag
(EIF; bit 4 of INTC) is set, a subroutine call to
location 04H will occur. The related interrupt
request flag (EIF) will also be reset, and the
EMI bit be cleared to disable other interrupts.
The programmable timer interrupt is automat-
ically triggered at a rate of 256Hz/N (where the
value of N ranges from 1 to 256), and then the
interrupt request flag (T0F; bit 5 of INTC) is
set. When the timer interrupt is enabled, the
stack is not full, and the programmable timer
interrupt is activated, a subroutine call to loca-
tion 08H will occur. Then, the related interrupt
request flag (T0F) will be reset, and the EMI bit
cleared to disable other interrupts.
The timer/event counter interrupt is initialized
by setting the timer/event counter interrupt re-
quest flag (T1F; bit 6 of INTC), which is nor-
mally caused by a timer overflow. When the
interrupt is enabled, the stack is not full, and
the T1F bit is set, a subroutine call to location
0CH will occur. The related interrupt request
flag (T1F) will be reset, and the EMI bit cleared
to disable further interrupts.
During the execution of an interrupt subrou-
tine, other interrupt acknowledgments are all
held until the “RETI” instruction is executed, or
the EMI bit and the related interrupt control bit
are both set to 1 (if the stack is not full). To
return from the interrupt subroutine, a “RET”
or “RETI” instruction may be invoked. RETI
will set the EMI bit to enable an interrupt service,
but RET will not.
The interrupts are serviced between the rising
edges of the two adjacent T2 clocks. In case of
simultaneous requests, the following table
shows the priority that is applied. These can be
masked by resetting the EMI bit.
Register
Bit No.
Label
Function
INTC
(0BH)
0EMI
Controls the master (global) interrupt
(1=enabled; 0=disabled)
1
EEI
Controls the data ready and battery fail interrupts
(1=enabled; 0=disabled)
2ET0I
Controls the programmable timer interrupt
(1=enabled; 0=disabled)
3ET1I
Controls the timer/event counter interrupt
(1=enabled, 0=disabled)
4EIF
Internal data ready and battery fail interrupt request flag
(1=active; 0=inactive)
5T0F
Internal programmable timer interrupt request flag
(1=active; 0=inactive)
6T1F
Timer/event counter request flag
(1=active; 0=inactive)
7
--
Unused bit, read as “0”
INTC register
HT9480
13
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com