Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Timer/event counter
Programmable tone generator
In the case of the programmable timer counter
and a timer/event counter OFF condition, writ-
ing data to their preload registers also reloads
that data to their counters. But if the program-
mable timer counter or the timer/event counter
is turned on, data written to the counter is kept
only in its preload register, and the counter still
goes on operating until an overflow occurs.
After the counter (reading TMR0 or TMR1) is
read, the clock is blocked to avoid errors. The
programmer should take clock blocking into
consideration, since this may result in timing
counting errors.
Programmable tone generator
The programmable tone generator is imple-
mented in the HT9480. The programmable tone
generator contains an 8-stage programmable
frequency divider (mapping to the 1DH address
of the
µC), a 4-stage programmable frequency
prescaler (set by SPF10 and SPF11), and a fre-
quency source selector (set by SPF17). When
1DH=00H, the tone generator is disabled and
BZ outputs high. But when 1DH is of any value
greater than zero the generator is enabled. The
value of the frequency divider, ranging from
2~256, is always greater than the assigned
value by 1. The output of the 8-stage divider is
divided by 2 to generate an output of (1/2 or 1/4)
duty cycle on BZ. The 4-stage programmable
frequency prescaler is shown below.
SPF10 SPF11 Prescaler Divider Factor
00
1
01
2
10
4
11
8
The above setting of the prescaler divider factor
is designed for applications on melodies or
sound effects.
The frequency source selector is set by SPF17.
When SPF17=0, the value of the frequency
source selector is the system clock. On the other
hand, when SPF17=1, the value of the selector
turns out to be 32.768kHz. For instance, if the
HT9480
20
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com