Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Input/output ports
desired output of BZ is 2.73kHz, the frequency
source is 32.768kHz, the values of SPF10 and
SPF11 are both set to 0, and the value of the
programmable frequency divider is set to 5.
Input/Output ports
There are 7 input lines, and 10 input/output
lines in the HT9480, which are labeled as PA,
and PB; PC (PC0, PC1). These are mapped to
[12H], and [14H]; [16H] of the data memory,
respectively. Port A is an input port only while
Port B and Port C (PC0 and PC1) are bidirec-
tional I/O ports. For input operation, the ports
A, B, and C are non-latched, i.e., the inputs have
to be ready at the T2 rising edge of the instruc-
tion “MOV A, [m]” (m=12H, 14H, 16H). For
output operation, data is latched and then re-
mains unchanged until the output latch is re-
written.
The PB and PC (PC0, PC1) I/O lines have their
own control registers (PBC, PCC) to control the
input/output configuration. These control regis-
ters, tri-state (control register=1) or CMOS
(control register=0) with pull-high (option)
structures can be reconfigured dynamically
(i.e., on-the-fly) by software control. To function
as an input, the corresponding I/O latch and
related bit of the control register should be writ-
ten “1” to avoid external logical violation. These
control registers are mapped to location 15H,
and 17H (bit 0 and bit 1 of 17H).
After a chip reset, these input/output lines stay
at high levels or floating (by mask option). They
are defined as input types by writing “1” to the
control registers and as output types by writing
“0” to the control registers. Each bit of these
input/output latches can be set or cleared by
“SET [m].i” and “CLR [m].i” (m=14H only) in-
structions.
Some instructions first input data and then
follow the output operations. For example,
“SET [m].i”, “CLR [m].i”, “CPL [m]”, “CPLA [m]”
read the entire port states into the CPU, exe-
cute the defined operation (bit-operation), and
then write the results back to the latches or the
accumulator.
Each line of port A is capable of waking up the
device (when a falling edge occurs) and is deter-
mined by mask option. The highest four bits of
port C are not physically implemented. Reading
them gets a “0”, but writing them leads to no
operation.
Bit 7 of port A connects a battery fall interrupt
and a wake-up function. Bit 7 of port A wakes
up the
µC each time a battery is changed. Bit 2
of port C is used for internal subsystem oscilla-
tor low-power function control (1: non-active; 0
: active). The value of bit 2 of port C is set as “1”
at an initial power on. Bit 3 of port C is used for
LCD power control (1: LCD turn-on; 0 : LCD
turn-off). The value of bit 3 of port C is also set
as “1” at the initial power on.
HT9480
21
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com