Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet (PDF) - Holtek Semiconductor Inc

HT9580 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9580
Download  HT9580 Download
File Size   444.8 Kbytes
Page   63 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Character Pager Controller

HT9580 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9580 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9580
Download  HT9580 Click to download

File Size   444.8 Kbytes
Page   63 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Character Pager Controller

HT9580 Datasheet (HTML) - Holtek Semiconductor Inc


HT9580 Product details

General Description
The HT9580 is a high performance pager controller which can be used for Chinese Pager system applications. The HT9580 4-in-1 Character Pager Controller combines a POCSAG decoder with a M6502 microprocessor core, 2 Mbits Character ROM and 256 Kbits SRAM to provide both high decoder performance and excellent system flexibility.

Features
• Operating voltage: 2.4V~3.5V
• Temperature range: -30C to +85C
• low power, high performance M6502 core
• low power crystal oscillator control
    - 512/1200/2400 bps data rate operation
• "CCIR Radio Paging Code No.1" (POCSAG) compatible
• 76.8kHz crystal for all available data rates
• High/low system clock switching capability
• 44 Kbytes program ROM
• 848 bytes global data RAM
• Internal 2 Mbits Character ROM
• 256 Kbits internal SRAM
• External option up to 2 Mbits Character ROM or 2 Mbits SRAM
• SED15X(KSX), MC141X and HD66410 series LCD driver compatible interface option
• 46 bytes message buffer
• One 16-bit timer and one 8-bit timer
• Internal 2Hz or 1Hz RTC or Real Time Clock option
• Single buzzer generator output (BZ) with duty cycle control
• low current HALT mode operation
• 16-bit watchdog timer
• Built-in data filter (16-times over-sampling ) and bit clock recovery
• Advanced synchronization algorithm
• 2-bit random and (optional) 4-bit burst error correction for address and message
• Up to 6 user addresses and 6 user frames, independently programmable
• 3 RF power-on timing control pins and Received data inversion (optional)
• Built in SPI circuit
• Out-of-range condition indicator
• One internal 8-bit D/A converter
• Battery fail and battery low detection
• 80-pin LQFP package




Similar Part No. - HT9580

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
Caller ID Telephone IC
March 22, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95A100/10P HOLTEK-HT95A100/10P Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
More results


Similar Description - HT9580

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
Pager baseband controller
1998 Nov 02
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
Pager receiver
2000 Jan 18
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
Pager Controller
23th Feb 98
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
Character/Graphic TFT LCD Controller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com