Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9580 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Pin No.
Pin Name
I/O
Description
58
BAL
I
Battery voltage detector input with pull-high resistor.
SRDY
I
SPI slave ready ¾ This slave ready pin is a Schmitt trigger input
with pull-high resistor. When the slave initiates the SPI transfer,
a high to low transition activates an interrupt. When the master
initiates the SPI transfer, a high to low transition trigger the
master to start the transfer.
59
BAF
I
Battery fail indication input, active low.
60
DA_OUT
O
D/A converter output. This pin is an 8-bit D/A analog output
61
RSSI
I
RSSI output from IF circuit. This pin should be pulled high or low
externally when this pin is not used.
62
DI
I
POCSAG code input serial data. CMOS input with pull-high re-
sistor.
MISO
I
SPI master-in-slave-out ¾ this is the data input with pull-high
resistor for SPI communications.
63
BS3
O
PLL power control enable, CMOS output
MOSI
O
SPI master-out-slave-in ¾ this is the data output for SPI commu-
nications.
64
BS2
O
RF quick charge control enable, CMOS output
SCK
I/O
SPI serial clock ¾ the SCK signal is used to synchronize the data
transfer. If HT9580 is in the master mode, the SCK is output
clock. Otherwise, SCK is input clock if HT9580 is in the slave
mode.
65
BS1
O
Pager receiver power control enable output, CMOS output
SS
O
SPI slave select ¾ this signal is used to enable the SPI slave for
transfer.
66
TS
I
Decoder test mode input pin, active low with pull-high resistor.
72~67
PA0~PA5
I/O
General Input/Output Port A. These ports can be programmed to
have a wake-up capability for applications in keyboard operations
or as normal I/O. Also the input cell structures are all Schmitt
trigger types and can be selected between CMOS or CMOS with
pull-high resistors.
73
RESET
I
Schmitt trigger reset input, active low.
74
TSC
I
mC test mode input pin, active low with internal pull-high resis-
tor. The test circuit will be activated when this pin pulls low.
75
TS1
I
Decoder test mode input pin, active low with pull-high resistor.
The internal test mode will be activated when this pin pulls low.
77
76
OSC1
OSC2
I
O
OSC1 and OSC2 are connected to an RC network to form a main
clock oscillator
80
79
X1
X2
I
O
X1 and X2 are connected to a crystal to form an internal low power
clock oscillator (32.768kHz, 76.8kHz, or 153.6kHz)
HT9580
5
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com