Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
R.F. timing chart
HT9580
39
April 28, 2000
Preliminary
· Out-of-range indication
The out-of-range condition occurs when the
time interval defined by SPF06, SPF07 is un-
able to receive sync code words. If sync code
words are detected, the timer counter defined
by SPF06, SPF07 will reset. This signal will
be seen as a loss of RF signal indication and
the power on reset is in an out-of-range condi-
tion until the sync code word is detected.
· Duplicate call suppression
The HT9580 provides a duplicate call sup-
pression with time-out facility, to identify du-
plicate call reception. In the display pager
mode, duplicate call indication is achieved
only via the mC interface. A call is assumed to
be a duplicate if its latest address and func-
tion bit setting is equal to the previous re-
ceived call within the time interval defined by
SPF06, SPF07.
· Receiver, Quick charge and PLL signal control
Pager receiver, quick charge circuit, and RF
PLL circuit can be controlled independently
via enable outputs BS1, BS2, and BS3 respec-
tively. Their operating period are optimized
according to the synchronization mode of the
decoder. Each enable signal has its own pro-
grammable establishment time.
Receiver Establishment
Time TBS1
Option
512 bps
1200/2400 bps SPF00 SPF01
7.81ms
53.33ms
0
0
15.63ms
6.67ms
0
1
31.25ms
13.33ms
1
0
62.50ms
26.67ms
1
1
Quick Charge
Adjustment Time TBS2
Option
512 bps
1200/2400 bps SPF02 SPF03
7.81ms
1.67ms
0
0
15.63ms
6.67ms
0
1
15.63ms
11.67ms
1
0
19.53ms
13.33ms
1
1
PLL Establishment Time
TBS3
Option
512 bps
1200/2400 bps SPF04 SPF05
0ms
0ms
0
0
31.25ms
26.67ms
0
1
46.87ms
40.00ms
1
0
62.50ms
53.33ms
1
1
Da t a I n
BS 1
BS 2
BS 3
Da t a B i t s
T BS 1
T BS 2
T BS 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com