Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
HT9580
42
April 28, 2000
Preliminary
CPU Core
The HT9580 is a high performance pager con-
troller specifically designed for use in new gen-
eration radio pagers. It is based on the M6502
core. The 6502 Microprocessor offers complete
hardware and software capability with existing
6500 series of products as well as significant en-
hancements.
Instruction register and decoder
Instructions fetched from memory are gated
onto the internal bus. These instructions are
latched into the instruction register then de-
coded, along with timing and interrupt signals,
to generate control signals for the various regis-
ters.
Timing control unit
The timing control unit keeps track of the in-
struction cycle being monitored. The unit is set
to 0 each time an instruction fetch is executed
and is advanced at the beginning of each input
clock pulse for as many cycles as required to
complete the instruction. Each data transfer
between registers depends upon decoding the
contents of both the Instruction Register and
the Timing Control Unit. There are three major
clocks in the mC as follows:
· Phase 2 In (PHI2 (IN))
This signal is from the OSC1 input pin of
HT9580. The PHI1 (OUT) and PHI2 (OUT)
are derived from this signal.
· Phase 2 Out (PHI2 (OUT))
This signal is generated from PHI2 (IN).
PHI2 (IN) provides the system timing. There
is a slight delay from PHI2 (IN).
· Phase 1 Out (PHI1 (OUT))
Inverted PHI2 (OUT) signal. There is a slight
delay from PHIN2 (IN).
Read/write
This signal is normally in a high state indicat-
ing that the mC is reading data from the data
bus memory. In the low state the data bus has
valid data from the mC to be stored at the ad-
dressed memory location.
Parameter
Description
tcyc
Clock cycle time (min)
tad
Address delay time
tah
Address hold time
tdis
Read data in setup time
tdih
Read data in hold time
tdod
Write data out delay time
tdoh
Write data out hold time
tdenbd
DATAEN delay time
twed
WE_N delay time
tsyd
SYNC delay time
tsyh
SYNC hold time
tvd
VPB delay time
tvh
VPB hold time
tsos
SOB_N setup time
tsoh
SOB_N hold time
trds
RDY setup time
trdh
RDY hold time
tress
RES_N setup time
tresh
RES_N hold time
Timing parameter annotations
Arithmetic and logic unit
All arithmetic and logic operations take place
within the ALU including incrementing and
decrementing internal registers (except for the
program counter). The ALU has no internal
memory and is used only to perform logical and
transient numerical operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com