Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
HT9580
22
April 28, 2000
Preliminary
The SRAM bank point register can switch to ei-
ther external 256 Kbytes or internal 32 Kbytes
SRAM space. The selection table is based on the
following table. The space size of each SRAM
bank is 8 Kbytes. Bits BP_MODS1 and
BP_MODS0 define whether internal or exter-
nal SRAM devices are used. (BP_MODS1,
BP_MODS0)=(0, 1), is for internal SRAM de-
vices. (BP_MODS1, BP_MODS0)=(1, 0), is for
external SRAM devices. The internal SRAM
would switch from bank 0 to bank 3 and the ex-
ternal SRAM would switch from bank 0 to bank
31 by software programming. In addition, the
address range of the internal/external SRAM
will all range from 3000H to 4FFFH.
SRAM bank point register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0016H
SRAM-BP BP_MODS1 BP_MODS0
S_BP5
S_BP4
S_BP3
S_BP2
S_BP1
S_BP0
0000 0000
BP_MODS1 BP_MODS0 S_BP5
S_BP4
S_BP3
S_BP2
S_BP1
S_BP0 BP Value
Memory Area
00
X
X
X
X
X
X
X
Reserved
01
0
0
0
0
0
0
0
Internal 32 Kbits SRAM (Low 8 Kbytes)
01
¯¯
¯
01
0
0
0
0
1
1
3
Internal 32 Kbits SRAM (High 8 Kbytes)
01
0
0
0
1
0
0
4
Reserved
01
¯¯
Reserved
01
1
1
1
1
1
1
63
Reserved
10
0
0
0
0
0
0
0
External 256 Kbits SRAM (Low 8 Kbytes)
10
¯¯
¯
10
0
1
1
1
1
1
31
External 256 Kbits SRAM (High 8 Kbytes)
LCD control and data register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0017H
LCD_CTRL LCD-CHIP1 LCD-CHIP0 LCD-CLK CLK-MOD
LCD-CS1
LCD-CS0
LCD-A0
LCD-WRB 0000 1101
0018H
LCD_CMD
LCD_D7
LCD_D6
LCD_D5
LCD_D4
LCD_D3
LCD_D2
LCD_D1
LCD_D0
uuuu uuuu
The LCD control and command registers are
used for LCD driver interface. There are three
kinds of LCD driver chips available for the
HT9580. These LCD drivers are SED15X(KSX)
series, Motorola LCD driver chip MC141X se-
ries and HD66410 respectively according to the
following ²LCD-CHIP0² and ²LCD-CHIP1² bit
table settings. The combination of the
LCD_CMD and LCD-CTRL registers can con-
trol the SED15X(KSX), MC141X series or
HD66410 LCD drivers. Bits LCD-CS0/1 of the
LCD-CTRL register corresponds to the chip se-
lect pin of the LCD driver. The bit ²LCD-CS0² is
used to control the master LCD driver chip
while ²LCD-CS1² is for the slave LCD driver
chip. Both bits are active low. The bit
²CLK_MOD² is used to enable or disable the
pin out of LCD_CL. If the bit is set low, the
clock output of pin LCD_CL will be disabled,
otherwise the LCD_CL clock will be set accord-
ing to the following Truth Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com