Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
HT9580
37
April 28, 2000
Preliminary
Symbol
Bit
R/W
Description
STB
3
R
Standby indication bit
When the value of the ON bit is 1, the system goes into the
STANDBY state. The STANDBY state allows the mC to execute
the configuration RAM setting.
OR
5R
Out-of-range indication bit
Whenever the decoder detects an out-of-range hold time, that is
selected by the configuration registers SPF06 and SPF07. The
out-of-range indication may be tested for an out-of-range condi-
tion whenever the interface enable of the decoder is active; other-
wise OR is normally low. The out-of-range indication is set high by
detection of valid data transmission.
If the out-of-range indication bit changes the status from high to
low or low to high, an interrupt will be generated and the
out-of-range hold-off time-out counter starts to count.
The bit is not valid when the SPI circuit is enabled.
BL
6
R/W
Battery low indication bit
The battery low indication is periodically tested for a battery low
condition. If the decoder encounters a battery low condition, the
battery low indication bit is cleared low. The mC can only set the
BL bit high. Attempting to clear this bit has no effect.
The bit is not valid when the SPI circuit is enabled.
· User address format
A user address in the POCSAG code consists
of 21 bits. Three of the 21 bits are coded in the
frame number and are therefore not explicitly
transmitted. In the decoder, the addresses A,
B, C, D, E and F can use six different frames
respectively. Every address has to be explic-
itly enabled by resetting the associated en-
able bit.
Example:
Address decimal value: RICA=10535
Binary equivalent (14-bit): 10100100100111
Binary equivalent (18+3-bit):
000000010100100100111
Register allocation
A00 A01 A02 A03 A04 A05 A06
0
0
00000
A07 A08 A09 A10 A11 A12 A13
1
0
10010
A14 A15 A16 A17 FA2 FA1 FA0
0
1
00111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com