Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
HT9580
41
April 28, 2000
Preliminary
Description of the special programmed
function bits (SPFn)
The following features can be selected by appro-
priate programming of the specially pro-
grammed function bits:
· SPF00~SPF01
Receiver (BS1) establishment time (for the
BS2~BS3 options, refer to SPF02~SPF05)
00: 7.81ms/512 53.33ms/1200/2400
01: 15.63ms/512 6.67ms/1200/2400
10: 31.25ms/512 13.33ms/1200/2400
11: 62.50ms/512 26.67ms/1200/2400
Note: The recommendatory setting is 11.
· SPF02~SPF03
RF dc level adjustment (BS2) enable time
00: 7.81ms/512 1.67ms/1200/2400
01: 11.71ms/512 6.67ms/1200/2400
10: 15.63ms/512 11.67ms/1200/2400
11: 19.53ms/512 13.33ms/1200/2400
· SPF04~SPF05
PLL (BS3) establishment time
00: 0ms/512 0ms/1200/2400
01: 31.25ms/512 26.67ms/1200/2400
10: 46.87ms/512 40.00ms/1200/2400
11: 62.50ms/512 53.33ms/1200/2400
· SPF06~SPF07
The duplicate call suppress time-out and
out-of-range hold-off time-out
00: 30s/512/1200 15s/2400
01: 60s/512/1200 30s/2400
10: 120s/512/1200 60s/2400
11: 240s/512/1200 120s/2400
· SPF08~SPF09
0x: Any two consecutive code-words or the
code-word directly following the address
code-word in error
10: Any single code-word in error
11: Any two consecutive code-words in error
· SPF10
1: 4-bit burst error correction for address and
message code-word
0: 2-bit random error correction for address
and message code-word
· SPF11
1: Out-of-range Hold-off period according to
SPF06 and SPF07
0: Out-of-range Hold-off period is 0 regardless
of SPF06 and SPF07
Baud rate selection bits(SPF12,SPF13,SPF14)
SPF12
SPF13
SPF14
Connected
Crystal (Hz)
Baud Rate
(bps)
0
0
0
32768
512
0
0
1
76.8k
512
0
1
0
76.8k
1200
0
1
1
76.8k
2400
1
0
0
153.6k
512
1
0
1
153.6k
1200
1
1
0
153.6k
2400
Note: The (SPF12, SPF13, SPF14) = (0, 1, 0)
when power on reset
· SPF15
Non-inverting or inverting data input selection
1: Inverting input selected for DI from RF cir-
cuit, referring to DI
0: Non-inverting input selected for DI from
RF circuit reserved, should be 0
· SPF16~SPF19
Message receiving mode selection depending
on the function code (bit20, bit21)
01
SPF16 Function Code (0, 0) is
a numeric message
Function Code (0, 0) is an
alpha-numeric message
SPF17 Function Code (0, 1) is
a numeric message
Function Code (0, 1) is an
alpha-numeric message
SPF18 Function Code (1, 0) is
a numeric message
Function Code (1, 0) is an
alpha-numeric message
SPF19 Function Code (1, 1) is
a numeric message
Function Code (1, 1) is
analpha-numeric message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com