Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
HT9580
43
April 28, 2000
Preliminary
CL K
AD D R
DA T A I
DA T A O
DA T A E N
WE _ N
S Y NC,
VP B
RDY ,
RE S _ N
SO B _ N
t cy c
t ad
t ah
R D A d d r e s s
W R A ddr es s
RE A D
t di s
WR I T E
t di h
t dod
t doh
t denbd
t we d
t sy d , t vd
t sy h , t vh
t rd h , t re s h , t so h
t rd s , t re s s , t so s
M6502 read and write cycle
Accumulator
The Accumulator is a general purpose 8-bit reg-
ister which stores the results of most arithme-
tic and logic operations. In addition, the
accumulator usually contains one of the two
data words used in these operations.
Index register
There are two 8-bit Index Register (X and Y)
which may be used to count program steps or to
provide an index value to be used in generating
an effective address. When executing an in-
struction which specifies indexed addressing,
the mC fetches the opcode and the base address,
and modifies the address by adding the index
register to it prior to performing the desired op-
eration. Pre- or post-indexing of indirect ad-
dresses is possible.
Processor status register
The 8-bit processor status register contains
seven status flags. Some of the flags are con-
trolled by the program, others may be con-
trolled both by the program and the mC. The
HT9580 instruction set contains a number of
conditional branch instructions which are de-
signed to allow testing of these flags.
Program counter
The 16-bit program counter register provides
the addresses which step the mC through se-
quential program instructions. Each time the
HT9580 fetches an instruction from the pro-
gram memory, the lower byte of the program
counter (PCL) is placed on the low-order bits of
the address bus and the higher byte of the pro-
gram counter (PCH) is placed on the high-order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com