Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
HT9580
44
April 28, 2000
Preliminary
8 bits. The counter is incremented each time an
instruction or data is fetched from the program
memory.
Stack pointer
The stack pointer is an 8-bit register which is
used to control the addressing of the vari-
able-length stack. The stack pointer is auto-
matically incremented and decremented under
control of the microprocessor to perform stack
manipulations under direction of either the
program or interrupt (NMI and IRQ). The stack
allows simple implementation of nested sub-
routines and multiple level interrupts. The
stack pointer is initialized by the user¢s soft-
ware.
Status register
N
VEB
D
I
Z
C
Note: C: Carry 1=true
Z: Zero 1=true
I: IRQ 1=disable
D: Decimal mode 1=true
B: BRK command 1=BRK, 0=IRQ
E: Expansion bit (reserved)
V: Overflow 1=true
N: Negative 1=negative
70
A
A ccu m u l a t o r A
70
Y
I nde x R egi s t er Y
70
X
I nde x R egi s t er X
70
P C L
P r ogr am C ount er P C
70
S
S ta c k P o i n te r
158
PC H
T he w i dt h of t he c o r r e s p ondi ng r e gi s t er s
15
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com