Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Note: The value of 0019H-bit3 STB is set when decoder enters the standby mode and cleared when de-
coder enters the ON mode.
The value of 0006H-bit4 BF_FG is dependent on the BAF pin ststus.
The value of 0019H-bit5 OR is always changed by an out of range signal.
The value of 0019H-bit6 BL is cleared 0" by the decoder Battery low signal and set 1" when
the mC sets this bit high.
The value of 0006H-bit5 DR_FG is set 1" by the decoder Data-Ready interrupt signal and
cleared ²0² when the mC clears DR_FG.
HT9580
35
April 28, 2000
Preliminary
· Idle word indication
The idle word recognized by the HT9580 is a
standard POCSAG idle code-word as shown
in the following table.
Bit No.
0123456789
10
11
12
13
14
15
Bit
0111101010001001
Bit No. 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit
1100000110010111
· Error indication
After error correction, any code-word contain-
ing more than 2-bit random errors or 4-bit
burst errors (option) in the address or mes-
sage code-word may be indicated from the er-
ror flag position.
· Decoder and mC interface
The HT9580 has two mC interface available.
One is the pager control address (0019H),
which controls the operation and configura-
tion of the decoder. The other is the pager
message buffer address (from 0040H to
006DH), which receives the message data of
calls in the parallel mode. The data ready
(DR_FG) and battery fail (BF_FG) interrupt
flags are in the interrupt flag register
(0006H).
Bi t 0
Bi t 1
Bi t 2
Bi t 3
Bi t 4
Bi t 5
Bi t 6
Bi t 7
BL
OR
RE S
ON
Bi t 7 B i t 6 Bi t 5 Bi t 4 B i t 3 B i t 2 B i t 1B i t 0
P O C S A G D ec oder
D e c oder D at a O u t put
M e s s age B u f f er
( 46 B y t e s )
DI
BA L
BS 1
BS 2
BS 3
RS S I
RF
CK T .
D ebounc e
Ci r c u i t
V IL =0 . 9 V
V IH =1. 0 V
D a t a R e ady I nt er r upt
1
P ager S y s t e m C LK
BF _ F G
( 0006 H )
DR_ F G
( 0006 H )
Bi t 4
Bi t 5
m C( NM I )
m C P A 7
( W a k e up)
0019 H
B A F ( B a tte r y F a i l In te r r u p t)
ST B
SP I R E Q S T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com