Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
HT9580
23
April 28, 2000
Preliminary
²LCD-CHIP0² and ²LCD-CHIP1² Truth Table
LCD-CHIP0=²0²
LCD-CHIP0=²1²
LCD-CHIP1=²0² SED15X(KSX) series LCD driver is
selected
MC141X series LCD driver is selected
LCD-CHIP1=²1² HD66410 LCD driver is selected
N/A
²LCD_CL² Truth Table
LCD-CHIP0=²0²
LCD-CHIP0=²1²
LCD-CHIP1=²0² LCD_CL: 2 kHz output
LCD_CL: If ²LCD-CLK²=0, 32 kHz output
If ²LCD-CLK²=1, X1-clock output
LCD-CHIP1=²1² LCD_CL: 10.9kHz output
N/A
The following is a comparison table of the HT9580 pin description between the SED15X (KSX) series
and the MC141X series LCD driver.
HT9580
(Pin)
SED15X(KSX) Series
MC141X Series
LCD_A0
A0
Data/command select input.
A0=0: Display control data on
D0~D7
A0=1: Display data on D0~D7
D/C
Thisinputpinacknowledges
valid data on D0~D7. If high
then D0~D7 contains dis-
play data, if low D0~D7 con-
tainscommanddata.
LCD_CS0 CS (Master) Active low chip select input.
(Master)
CE (Master)
When high, enables the
control pins on the driver.
(Master)
LCD_CS1 CS (Slave)
Active low chip select input.
(Slave)
CE (Slave)
When high, enables the
control pins on the driver.
(Slave)
D0~D7
D0~D7
8-bit, tristate, bidirectional I/O
bus.
D0~D7
Bidirectional bus for
data/command transfer.
LCD_E
E
Enable clock input
CS
This pin is normal low
clock input. Data on
D0~D7 is latched at the
falling edge of CS.
LCD_RW R/W
Read/write input
R/W
To read the display data
RAM or the internal sta-
tus, pull this pin high.
The pin low indicates a
write operation.
LCD_CL CL
External clock input.
(2kHz output from HT9580)
OSC2
Oscillator input for external
clock is used. (32kHz or
X1-clock output from
HT9580 as determined by
the ²LCD-CLK²).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com