Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
HT9580
25
April 28, 2000
Preliminary
LCD Driver Chip Selection
Application
Note
LCD-CHIP0="0"
LCD-CHIP1="0"
SEDX(EPSON) series LCD
driver at 68 family MPU appli-
cation mode.
RESET is low active
KSX(SAMSUNG) series LCD
driver at 68 family MPU appli-
cation mode.
Pin options set as 68 family
MPU application mode.
LCD-CHIP0="1"
LCD-CHIP1="0"
MC14X(MOTOROLA) series
LCD driver.
LCD-CHIP0="0"
LCD-CHIP1="1"
HD66410(HITACHI) series
LCD driver.
SEDX(EPSON) series LCD
driver at 80 family MPU
application mode.
RESET is high active
KSX(SAMSUNG) series LCD
driver at 80 family MPU appli-
cation.
Pin options set as 80 family
MPU application mode.
LCD-CHIP0="1"
LCD-CHIP1="1"
N/A
C S ( S l av e)
LC D _ C S 1 ( S l av e)
L CD_ A 0
D0 ~ D 7
L CD_ E
L C D_ RW
L CD_ CL
LC D _ C S 0 ( M as t e r )
H T 9580
RS
D0 ~ D 7
CR
H D 66410
CS ( M a s t e r )
Ma s t e r
Sl a v e
L C D Dr i v e r
T he appl i c a t i on c i r c ui t w hen bi t " LC D - C H I P 1" = 1 and " L C D - C H I P 0 " = 0
WR
RD
5
3
2
6
4
15~ 8
7
Power down operation - HALT
The HALT mode is initiated by setting the con-
figuration register bit HALT high and results in
the following ...
The system clock turns off, the low power pager
sub-clock, LCD driver, pager decoder and RTC
all keep running.
The contents of the on-chip RAM and of the reg-
ister remain unchanged.
As the WDT and the WDT prescaler depend on
software control, the WDT will continue to
count when the ²HALT² bit is set high.
All the I/O ports remain in their original status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com