Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
HT9580
12
April 28, 2000
Preliminary
The WDT 7-bit counter is programmed by bits
WS0~WS2. The division ratio for the counter is
listed in the table.
WS2
WS1
WS0
Division
Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
The other pair ²TMR0_PR0² and ²TMR0_PR1²
are used to select the prescaler ratio for timer0.
The definition is shown in the table.
TMR0_PR1 TMR0_PR0
TMR0
Prescaler
Ratio
0
0
1/4
0
1
1/8
1
0
1/16
1
1
1/32
Buzzer generator registers
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0003H
BZ-L
BZL7
BZL6
BZL5
BZL4
BZL3
BZL2
BZL1
BZL0
0000 0000
0004H
BZ-H
BZH7
BZH6
BZH5
BZH4
BZH3
BZH2
BZH1
BZH0
0000 0000
The buzzer generator is composed of a 16-bit
PFD counter and a duty cycle control. The coun-
ter value is set by two registers, namely BZ-H
and BZ-L. The source for this generator may be
the system clock or the X1-clock. The buzzer
generator is enabled/disabled by the register
bit ²MGEN² in the configuration regis-
ter(0000H). When this bit is set high, the
buzzer generator is activated. There is another
bit in the configuration register(0000H) which
controls the buzzer output volume, bit
²MDUT². If the bit is logic high, the output of
the BZ will be modulated by the X1-clock. The
clock source of the buzzer is selected by bit
²BZ_CLK². When BZ_CLK=0, the clock source
is the system clock. On the other hand, when
BZ_CLK=1, the value of the selector will be the
X1-clock.
The truth table for enabling/disabling the
buzzer generator is shown in the table.
10
MGEN Enable the
buzzer generator
Disable the
buzzer generator
X1- c l o c k
7- bi t C ount e r
1/8
9- bi t P r e s c a l e r
8 t o 1 M U X
W S 0 ~ 2
W D T t i m e- out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com