Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
HT9580
19
April 28, 2000
Preliminary
The HT9580 has three general purpose I/O
ports. The I/O cell structures are configurable.
Details are shown in the table.
Port A
Port A is a general-purpose I/O port. The PAC
register controls the data directions for port A.
When set as input data type, this port has
wake-up capability and the input cell struc-
tures are schmitt trigger types. While in a
²HALT² condition, a falling edge signal on Port
A can wake-up the mC. In addition, the input
cell structures can be configured as pull-high or
non-pull-high. When set as an output data type,
the output structures are CMOS outputs.
10
PA
The pin output
logic high
The pin output
logic low
PAC
As input pin
As output pin
PAWUE
The pin has
wake-up
capability
The pin has no
wake-up
capability
PAIM
CMOS input
structure
with pull-high
resistor
CMOS input
structure with-
out pull-high
resistor
Port B
Port B is a general-purpose I/O port controlled
by the PBC register. The PBIM register con-
trols the input cell structures: normal CMOS
inputs or CMOS inputs with pull-high resis-
tors.
10
PB
Pin output
logic high
Pin output
logic low
PBC
Input pin
Output pin
PBIM
CMOS input
structure with
pull-high
resistor
CMOS input
structure without
pull-high resistor
Port C
This is a general-purpose I/O port contolled by
the PCC register. The PCIM register controls
the input cell structures: normal CMOS inputs
or CMOS inputs with pull-high resistors.
10
PC
The pin output
logic high
The pin output
logic low
PCC
As input pin
As output pin
PCIM
CMOS input
structure
with pull-high
resistor
CMOS input
structure
without pull-high
resistor
I/O port configuration registers
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
000BH
PA data
X
X
PA5
PA4
PA3
PA2
PA1
PA0
uu11 1111
000CH
PB data
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
1111 1111
000DH
PC data
XXXXXX
PC1
PC0
uuuu uu11
000EH
PAC
X
X
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
uu11 1111
000FH
PBC
PBC7
PBC6
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
1111 1111
0010H
PCC
XXXXXX
PCC1
PCC0
uuuu uu11
0011H
PA WUE
X
X
PAWUE5
PAWUE4
PAWUE3
PAWUE2
PAWUE1
PAWUE0
uu00 0000
0012H
PA IM
X
X
PAIM5
PAIM4
PAIM3
PAIM2
PAIM1
PAIM0
uu11 1111
0013H
PB IM
PBIM7
PBIM6
PBIM5
PBIM4
PBIM3
PBIM2
PBIM1
PBIM0
1111 1111
0014H
PC IM
XXXXXX
PCIM1
PCIM0
uuuu uu11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com