Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
HT9580
40
April 28, 2000
Preliminary
Address
Bit Definition
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
001AH
ENA
A00
A01
A02
A03
A04
A05
A06
001BH
A07
A08
A09
A10
A11
A12
A13
A14
001CH
A15
A16
A17
FA2
FA1
FA0
X
X
001DH
ENB
B00
B01
B02
B03
B04
B05
B06
001EH
B07
B08
B09
B10
B11
B12
B13
B14
001FH
B15
B16
B17
FB2
FB1
FB0
X
X
0020H
ENC
C00
C01
C02
C03
C04
C05
C06
0021H
C07
C08
C09
C10
C11
C12
C13
C14
0022H
C15
C16
C17
FC2
FC1
FC0
X
X
0023H
END
D00
D01
D02
D03
D04
D05
D06
0024H
D07
D08
D09
D10
D11
D12
D13
D14
0025H
D15
D16
D17
FD2
FD1
FD0
X
X
0026H
ENE
E00
E01
E02
E03
E04
E05
E06
0027H
E07
E08
E09
E10
E11
E12
E13
E14
0028H
E15
E16
E17
FE2
FE1
FE0
X
X
0029H
ENF
F00
F01
F02
F03
F04
F05
F06
002AH
F07
F08
F09
F10
F11
F12
F13
F14
002BH
F15
F16
F17
FF2
FF1
FF0
X
X
002CH
SPF00
SPF01
SPF02
SPF03
SPF04
SPF05
SPF06
SPF07
002DH
SPF08
SPF09
SPF10
SPF11
SPF12
SPF13
SPF14
SPF15
002EH
SPF16
SPF17
SPF18
SPF19
XXXX
Decoder configuration RAM
The decoder contains a 21-byte RAM to store six
user addresses, six frame numbers, and specially
programmed function bits (SPF00~SPF19) for
the decoder application configuration. The data
memory is mapped to the address
001AH~002EH.
The configuration memory mapping table is
shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com