Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
HT9580
28
April 28, 2000
Preliminary
M e s s age B u f f er
A ddr es s C o dew or d
M e s s age C odew or d 1
M e s s age C odew or d 2
M e s s age C odew or d 44
M e s s age C odew or d 45
N/ A
0040 H
0041H
0042 H
006C H
006D H
006D H
B i t7 B i t6 B i t5 B i t4 B i t3 B i t2 B i t1B i t0
01
01
010
1
0031H
M e s s age B u f f er
M e s s age C odew or d 46
M e s s age C odew or d 47
M e s s age C odew or d 48
0040 H
0041H
0042 H
M e s s age C odew or d 49
0043 H
M e s s age C odew or d 50
0044 H
0045 H
N/ A
1s t D a t a R eady I nt er r upt
B i t7 B i t6 B i t5 B i t4 B i t3 B i t2 B i t1B i t0
00
0
1
0031H
2nd D a t a R eady I nt er r u p t
1010
Example 2
Example 2: if the data read from 0031H is
²2EH² when a new data ready interrupt oc-
curred, that means the data length of this call is
more than 46 and the next data ready interrupt
will occur. If the next interrupt occurs and the
contents of 0031H is ²85H², the result are
shown in the following figure. The programmer
should note that the information on the mes-
sage buffer must be read out before the next
continuous codeword arrives. Otherwise the
data on the message will be overwritten.
The data ready interrupt will generate when
message is terminated, synchronization code
word is received or buffer is full. The following
figure will show the typical operation.
F r am e5
Sy n c
PO C S AG D AT A
St r u c t u r e
DI
NM I
DR_ F G
M e s s age B u f f er
( 46 by t e s )
F r am e6
F r am e7
F r am e0
F r am e1F r am e2
Va l i d D a t a
The timing chart of message buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com