Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9580 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
1, 25, 56 VDD
¾
Positive power supply
2
LCD_CS1
O
LCD driver chip select control (for slave LCD driver)
3
LCD_CS0
O
LCD driver chip select control (for master LCD driver)
4
LCD_CL
O
LCD driver clock output
5
LCD_A0
O
LCD driver data/command select control
6
LCD_RW
O
LCD Driver Read/Write signal output
7
LCD_E
O
LCD driver enable clock control
15~8
D0~D7
I/O 8-bit, tristate, bidirectional I/O data bus.
16
R/W
O
Read/Write signal output
17
SRAM_CE
O
SRAM chip Enable. This signal is generated from the HT9580 to
provide read or write timing for external SRAM devices. (See Ap-
plication Circuit)
18
MASK_CE
O
Mask ROM Chip Enable. This signal is generated from the
HT9580 to provide read timing for external Mask ROM devices.
(See Application Circuit)
19
OE
O
Mask ROM or SRAM Output Enable. This signal is generated
from the HT9580 to provide read timing for external Mask ROM
and SRAM devices. (See Application Circuit)
20
PSEN
O
Program Store Enable. This pin is used to connect the OE and CE
pins of the external 44 Kbytes program ROM when the
²MODE_P² internal pad is connected to VSS. (See note)
21~24
RA17~RA14
O
Extended address bus pins
26
P_MODE
I
Internal or external program ROM selection without pull-high re-
sistor. If the pin connects to VDD, the internal program ROM will
be fetched (normal type), otherwise the external program ROM
will be fetched when the pin connects to VSS (Romless).
27, 57, 78 VSS
¾
Negative power supply
43~28
A0~A15
O
Address bus pins. This is used for memory and I/O exchanges on
the data bus.
44
TMR1
I
Schmitt trigger input for timer1 counter with pull-high resisor.
45~52
PB0~PB7
I/O General Input/Output Port B. The input cell structures can be se-
lected as CMOS or CMOS with pull-high resistors.
53~54
PC0~PC1
I/O General Input/Output Port C. The input cell structures can be se-
lected as CMOS or CMOS with pull-high resistors.
55
BZ
O
Buzzer non-inverting BZ output
HT9580
4
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com