Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD Conditions
fOSC1
Main Clock (RC OSC)
3V
¾
76.8
1000
2000
kHz
DOSC1
Main Clock Duty Cycle
3V
¾
40
50
60
%
fX1
Pager Clock Input (Crystal OSC) 3V
¾
32.768
76.8
153.6
kHz
tRESET
RESET Input Pulse Width
¾¾
1
¾¾
ms
Functional Description
Memory map
HT9580
7
April 28, 2000
Preliminary
I / O and D a t a S pac e
60 B y t e s
M e s s age B u f f e r
46 B y t e s
G l obal D at a M e m o r y
336 B y t e s
S t a cks
48 B y t e s
G l obal D at a M e m o r y
512 B y t e s
0000 H
003B H
0040 H
006D H
0080 H
01C F H
01D 0 H
01F F H
0200 H
03F F H
I n t e r nal / E x t er nal
C har ac t e r R O M
8 K b y t es
I n t e r nal / E x t er nal
SR AM
8 K b y t es
P r ogr am R O M S pac e
28 K B y t es
P r ogr am R O M S pac e
1637 8 B y t e s
NM I - L
NM I - H
RE S E T - L
RE S E T - H
IR Q - L
IR Q - H
1000 H
2 F FFH
3000 H
4 F FFH
5000 H
B FFF H
C 000H
FF FA H
FF FB H
FF FC H
FF FD H
FF FE H
FF FF H
I n t e r nal
C har ac t e r R O M
S pac e
( B ank 0 )
8 K b y t es
1000 H
2 F FFH
B ank 0~ B ank 3 1 ( 2 M b i t s )
Ex t e r n a l
C har ac t e r R O M
S pac e
( B ank 0 )
8 K b y t es
1000 H
2 F FFH
B ank 0~ B ank 3 1 ( 2 M b i t s )
I n t e r nal
SR AM
S pac e
( B ank 0 )
8 K b y t es
3000 H
4 F FFH
B ank 0~ B ank 3 ( 3 2 K B y t es )
Ex t e r n a l
SR AM
S pac e
( B ank 0 )
8 K b y t es
3000 H
4 F FFH
B ank 0~ B ank 3 1 ( 2 56 K B y t es )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com