Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Application Circuits
OSC1, OSC2 require an external resistor
HT9580
48
April 28, 2000
Preliminary
BA F
H T 9580
VD D
VS S
BZ
PB 3
PB 1
PA 0
PA 1
PA 2
3V
BS 3
BS 2
BS 1
1.5 V
PB 2
PB 4
DI
VD D
VS S
CS
SK
DI
DO
EE PR O M
VS S
+
-
PC 1
PC 0
1.5 V
PA 3 ~ P A 5
PB 0
PB 5 ~ P B 7
SW 3
SW 2
SW 1
V DD
1.5 V
B u zze r
LX
DC/ DC
OU T
VS S
+
22 m F
470 m H
S c hot t k y D i ode
R H 5R 30 2
22 m F
+
L C D Dr i v e r
Ma s t e r
Sl a v e
L CD Di s p l a y
V DD ( 1.5 V )
H T 93 LC 4 6
Ho l t e k
P ager
TS
TM R 1
0. 1 m F
1.5 V
1k W
Lam p
680 W
Mo t o r
RF
R ece i ver
BA L
RS S I
510 W
0. 1 m F
0. 1 m F
D0 ~ D 7
A0 ~ A 15
RO M C E
A0 ~ A 13
RA 14 ~ RA 1 7
A0 ~ A 17
D0 ~ D 7
A0 ~ A 15
OE
D0 ~ D 7
D 0 ~ D7
X1
X2
DA _ O UT
OS C 1
OS C 2
76. 8 k H z
M
M a skR A M
N o t e : The e x t e r n a l m e m or y i s opt i o na l
PS EN
MA S K _ C E
RE S E T
CE
WE
OE
R/ W
LC D _ E
D0 ~ D 7
LC D _ R W
RE S E T
LC D _ C S 0 ( M as t e r )
LC D _ C S 1 ( S l av e)
LC D _ C L
LC D _ A 0
1, 25, 5 6
65
64
63
62
58
61
59
55
60
79
80
77
76
20
18
19
16
27, 57, 7 8
49
46
47
48
44
66
72
71
70
73
53
54
V DD
100k W
P_ M O D E 26
V DD
No r m a l T y p e
Ro m l e s s
RA M C E
SR AM _ C E
17
OE
H T 27 LC 5 12
P r ogr am R O M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com