Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
HT9580
20
April 28, 2000
Preliminary
The Mask ROM bank point register can switch
between the internal 2 Mbits Mask ROM or an
external up to 2 Mbits Mask ROM space. The se-
lection table is based on the following table. The
space size of each Mask ROM bank is 8 Kbytes.
The bits BP_MODM1 and BP_MODM0 define
whether internal or external Mask ROM devices
are used. (BP_MODM1, BP_MODM0)=(0, 1), se-
lects the internal Mask ROM device.
(BP_MODM1, BP_MODM0)=(1, 0), selects the
external Mask ROM device. The internal Mask
ROM can switch from bank 0 to bank 31 and the
external Mask ROM can switch from bank 0 to
bnak 31 by software programming. In addition,
the address range of the internal/external Mask
ROMwillallrangefrom1000Hto2FFFH.
The Mask ROM bank point register selection
table is shown in the table.
EN
M
U
X
PA D a t a
PA W U E
On e
S hot
Ci r c u i t
To
CP U
PA I M
PA C
Pu l l - u p
R e si st o r
V DD
I/O structure of port A
Mask ROM (Character ROM) bank point register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0015H
MROM-BP BP_MODM1 BP_MODM0
M_BP5
M_BP4
M_BP3
M_BP2
M_BP1
M_BP0
0000 0000
BP_MODM1 BP_MODM0 M_BP5 M_BP4 M_BP3 M_BP2 M_BP1 M_BP0 BP Value
Memory Area
00
X
X
X
X
X
X
X
Reserved
01
0
0
0
0
0
0
0
Internal 2 Mbits Mask ROM (low 8 Kbytes)
01
¯¯
¯
01
0
1
1
1
1
1
31
Internal 2 Mbits Mask ROM (High 8
Kbytes)
01
1
0
0
0
0
0
32
Reserved
01
¯¯
Reserved
01
1
1
1
1
1
1
63
Reserved
10
0
0
0
0
0
0
0
External 2 Mbits Mask ROM (low 8 Kbytes)
10
¯¯
¯
10
0
1
1
1
1
1
31
External 2 Mbits Mask ROM (High 8
Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com