Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
HT9580
21
April 28, 2000
Preliminary
If the internal 2 Mbits mask ROM is placed as
shown in the figure and the software program-
mer obtains a start address from CNS (Taiwan)
code or a GB (China) code, A0~A17. The follow-
ing steps will map from the start address to the
bank point register, then the hardware address
decode circuit will point to the real 2 Mbits
space. (If the internal mask ROM is selected.)
· Step 1
The formula obtains A0~A18 from the re-
ceived GB or CNS code. If it is in the lower 2
Mbits space, A18=0. Otherwise, A18=1 if it is
in reserved space.
· Step 2
Set (BP_MODM1, BP_MODM0)=(0, 1)
· Step 3
Assign correct ²M_BP0²~²M_BP5² as shown:
¨
A13®M_BP0
¨
A14®M_BP1
¨
A15®M_BP2
¨
A16®M_BP3
¨
A17®M_BP4
¨
A18®M_BP5 (the bit will be 0 at this condi-
tion)
· Step 4
Adding $1000 H to A12~A0 to get new HEX
value $B3B2B1B0 H.
· Step 5
The following example will load 32 bytes con-
tinuous (one Chinese word) pattern from the
internal mask ROM and store them to the
start address $C3C2C1C0 H (if absolute index
addressing mode is used).
LDX #00H
LDY #00H
READ:
LDA $B3B2B1B0,X
STA
$C3C2C1C0,Y
INX
INY
CPX #20H
BNZ READ
CNS P a t t e r n
( G B P a t t er n)
( A 18 = "0 ")
Re s e r v e d
( A 18 = "1")
0000 0H
3 F FFF H
4000 0H
7 F FFF H
0
00
0
0
0
1
A12
0
A11
0
A10
0
A9
0
A8
0
A7
0
A6
0
A5
0
A4
0
A3
0
A2
0
A1
0
A0
0
0
R A 13
R A 12
A 1 1
A 1 0
A 9A 8A 7A 6A 5A 4A 3A 2A 1
A 0
B 3 ( 0 ,0 ,R A 13 , R A 12 )
B 2 ( A 11, A 10, A 9 , A 8)
B 1 ( A 7, A 6 , A 5, A 4 )
B 0 ( A 3 , A 2 ,A 1,A 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com