Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
HT9580
27
April 28, 2000
Preliminary
Buffer status register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0031H
Buffer
Status
MSG_END
X
count_5
count_4
count_3
count_2
count_1
count_0
0uuu uuuu
The buffer status register will relay to the mC
the status of the message buffer when the data
ready request interrupt occurred. The
²MSG_END² bit will be set high when the data
(including address codeword and message code-
word) is at the end of this data ready interrupt
call. The valid data length of the message buffer
is determined by bit count_0 to count_5. If
²MSG_END² is low, the data length is more
than 46 or data is not at the end, the mC should
wait for the next data ready interrupt until the
bit ²MSG_END² is set high. Example 1: if the
data read from 0031H is ²95H² when a new
data ready interrupt occurred, it means the to-
tal data length is 21 including the address code-
word in this call and the message is terminated
(bit ²MSG_END² =1). The figure below illus-
trates example 1.
M e s s age B u f f er
A ddr es s C o dew or d
M e s s age C odew or d 1
M e s s age C odew or d 2
M e s s age C odew or d 19
M e s s age C odew or d 20
N/ A
0040 H
0041H
0042 H
0053 H
0054 H
0055 H
N/ A
006D H
B i t7 B i t6 B i t5 B i t4 B i t3 B i t2 B i t1B i t0
00
10
101
1
0031H
Example 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com