Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
HT9580
34
April 28, 2000
Preliminary
The filtered data is used to synchronize an in-
ternal clock generator by monitoring transi-
tions. The recovered clock phase can be
adjusted in steps of 1/8, 3/32, 1/16, or 1/32 bit
period per received bit.
All step size are used when bit synchroniza-
tion has not been achieved, the smallest when
a valid data sequence has been detected.
· Erroneous code-words
Upon receipt of erroneous uncorrectable
code-words, call termination occurs according
to the conditions given below:
SPF08 SPF09
Description
0X
Any two consecutive
code-words or the
code-word directly following
the address code-word in
error
1
0
Any single code-word in error
11
Any two consecutive
code-words in error
· Message receiving mode
The receiving message mode (numeric or al-
pha-numeric) depends on bits SPF16~SPF19.
If one of these bits from SPF16~SPF19 is
cleared to low, the decoder will be in numeric
package receiving mode. Otherwise, the de-
coder is in the alphanumeric receiving mode.
An example is shown below:
Function Bits
Message Re-
ceiving Format
Bit 20 (MSB)
Bit 21 (LSB)
SPF16=0
00
Numeric (4-bit)
SPF17=0
01
Numeric (4-bit)
SPF18=1
10
Alphanumeric
(7-bit)
SPF19=1
11
Alphanumeric
(7-bit)
The decoder data output format is deter-
mined by the value SPF16~SPF19. When it is
logic low, the 4-bit (numeric) package will be
selected. Otherwise, the 7-bit (alphanumeric)
package is selected. The following tables illus-
trate the above two different conditions.
Message code-word on the message buffer (numeric receiving mode)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Error Flag
0
0
0
D3
D2
D1
D0
Message code-word on the message buffer (alphanumeric receiving mode)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Error Flag
D6
D5
D4
D3
D2
D1
D0
· Synch word indication
The synch word recognized by the HT9580 is
the standard POCSAG synchronization
code-word as shown in the following table.
Bit No.
0123456789
10
11
12
13
14
15
Bit
0111110011010010
Bit No. 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit
0001010111011000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com