Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
HT9580
32
April 28, 2000
Preliminary
The POCSAG paging code
A transmission using the ²CCIR Radio paging
Code No.1² (POCSAG code) is generated in ac-
cordance with the following rules (see the fol-
lowing Figure).
PR EA M B L E
BA T C H 1BA T C H 2
L A S T B AT C H
10 10 . .... ....1 0 10 10 10 1 0
F R AM E0
F R AM E1F R AM E7
18 A ddr es s B i t s
A d d r es s co d e w o r d
M essag e co d e w o r d
Bi t N u m b e r
1
2 t o 19
20/ 2 1
22 t o 3 1
32
31 I dl e c ode B i t pat t e r n
Id l e c o d e w o r d
31 S y n c h c o de B i t pat t e r n
S y n c h c o d e w o r d
0
10 C R C bi t s
P
20 M es s a g e B i t s
Sy n c h
C W
C W
2 F unc t i on
Bi t s
10 C R C bi t s
P
1
0
0
CW
CW
CW
CW
POCSAG code structure
The transmission is started by sending a pre-
amble, consisting of at least 576 continuously
alternating bits (10101010...). The preamble is
followed by an arbitrary number of batch
blocks. Only complete batches are transmitted.
Each batch comprises 17 code-words of 32 bits
each. The first code-word is a synchronization
code-word with fixed pattern. The sync word is
followed by 8 frames (0~7) of 2 code-words each,
containing message information. A code-word
in a frame can either be an address, message or
idle code-word.
Idle code-words also have fixed patterns and
are used to fill empty frames or separate mes-
sages.
Address code-words are identified by an MSB of
logic 0 and are coded as shown in the POCSAG
code structure figure. A user address or RIC
(Receiver Identity Code) consists of 21 bits.
Only the upper 18 bits are encoded in the ad-
dress code-word (bits 2 to 19). The lower 3 bits
designate the frame number in which the ad-
dress is transmitted.
Four different call types can be distinguished
on each user address. The call type is deter-
mined by two functional bits in the address
code-word (bits 20 and 21). The POCSAG stan-
dard recommends the use (in Taiwan) of combi-
nations of data formats and function bits, as
shown in the following table. Other combina-
tions will be set by SPF16~SPF19.
Bit 20 (MSB)
Bit 21 (LSB)
Call Type
Data Format
0
0
Numeric
4-bit package
0
1
Alert only
¾
1
0
Alert only
¾
1
1
Alpha-numeric
7-bit package
Data formats and function bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com