Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 57Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 58Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 59Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 60Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 61Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 62Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 63Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
The following subroutine will initiate the ²MC141803² LCD driver.
; ***************************
; * initial LCDM *
; ***************************
INI_LCDM:
LDA #01011001B
; MC141X series LCD driver
STA LCDCT
; enable LCD_CL, LCD_CL=32kHz
; LCD_CS0 (master) enable
LDA #76H
; normal operation
LCD_C
LDA #7BH
; set external clock
LCD_C
; feed clock in OSC2 from LCD_CL
LDA #7FH
; set oscillator enable
LCD_C
LDA #2BH
; set DC/DC converter on
LCD_C
LDA #2DH
; set internal regulator on
LCD_C
LDA #31H
; set internal contrast control on
LCD_C
LDA #2FH
; set internal voltage divider on
LCD_C
LDA #33H
; set 50kHz to get frame frequency
LCD_C
LDA #29H
; set display on
LCD_C
LDA #36H
; master clear GDDRAM
LCD_C
LDA #0H
; dummy write data
LCD_W
LDA #04H
; change to page 5 if want to clear icon line
LCD_C
LDA #37H
; master clear icons
LCD_C
LDA #0H
; dummy write data
LCD_W
LDA #3DH
; set display with icon line
HT9580
61
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com