Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
SPI configure register
Address
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
State on
POR
0032H
SPI-CONFIG
S/M
LEN1
LEN0
REQST
SPIFG
CLK_EDG
SPI_EN
START
0111 1000
HT9580
29
April 28, 2000
Preliminary
· S/M: Slave/master mode selection
When S/M is "0", HT9580 is in the master
mode. Otherwise, HT9580 is in the slave
mode.
01
S/M
Master mode
(SCK is output)
Slave mode
(SCK is input)
· LEN0, LEN1: Data length
The LEN0 and LEN1 will determine the data
length between exchange.
LEN1
LEN0
Data Length (Bit)
00
4
01
8
10
16
11
32
· REQST: SPI request (read only)
When FLEXTM decoder wants to exchange
data with HT9580, the REQST will have low
pulse.
· SPIFG: SPI complete flag
0 (clear): Data transfer to external device has
been completed.
1 (set): No valid completion of data transfer.
The bit is cleared by hardware and set
by software.
· CLK_EDG: Data sampling edge
The CLK_EDG will determine the valid
MISO and MOSI sampling edge of SCK clock.
01
CLK_EDG Rising edge
Falling edge
· SPI_EN: The SPI enable
01
SPI_EN
When the SPI cir-
cuit is disabled, the
POCSAG decoder
I/O pins will be en-
abled
The SPI cir-
cuit and SPI
I/O pins will
be enabled
· START: The data exchange start or not
01
START
No data exchange
Data
exchange
start
When the bit is set by software, the SPI data
exchange will start. After the first bit data ex-
change is completed, the START bit will clear
to low again by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com