Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
HT9580
17
April 28, 2000
Preliminary
Timer registers
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0007H
TMRC
TMR1MOD
X
TMR1CLK TMR0CLK TMR1EDG TMR0EDG
TMR1EN
TMR0EN
0u00 0000
0008H
TMR1L
TM1D7
TM1D6
TM1D5
TM1D4
TM1D3
TM1D2
TM1D1
TM1D0
uuuu uuuu
0009H
TMR1H
TM1D15
TM1D14
TM1D13
TM1D12
TM1D11
TM1D10
TM1D9
TM1D8
uuuu uuuu
000AH
TMR0
TM0D7
TM0D6
TM0D5
TM0D4
TM0D3
TM0D2
TM0D1
TM0D0
uuuu uuuu
In addition to the watchdog timer, the HT9580
provides two timers: an 8-bit timer (timer 0) and
one 16-bit timer (timer 1). Those two timers are
controlled and configured by the register TMRC.
Both timers are programmable up-count coun-
ters whose clocks may be derived from the
X1-clock (32.768kHz, 76.8kHz or 153.6kHz). To
program the timers, TMR0, TMR1L, and
TMR1H should be written with a start value.
When the timers are enabled, they will count-up
from the start value. If the timers overflow, cor-
responding interrupts will be generated. When
the timers are disabled, the counter contents
will not be reset. To reset the counter contents,
the software should write the start value again.
Since timer1 is a 16-bit counter, it is important
to note the method of writing data to both
TMR1L and TMR1H. Writing to TMR1L only
writes the data into a low byte buffer, while writ-
ing to TMR1H will simultaneously write the
high byte data and the contents of the low byte
buffer into the Timer Counter preload register
(16-bit). Note that the Timer counter preload
register contents are changed by a TMR1H
write operation while writing to TMR1L does
not change the contents of the preload register.
Reading TMR1H will also latch the contents of
TMR1L into the byte buffer to avoid false timing
problem. Reading TMR1L returns the contents
of the low byte buffer. In other words, the low
byte of the timer counter cannot be read directly.
It must first read TMR1H to latch the low byte
contents of the timer counter into the buffer.
TMRC is the timer counter control register,
which defines the timer counter options. The
timer1 clock source can be selected from either
the internal clock or an external input clock by bit
TMR1MOD of the TMRC register. The
timer0/timer1 can also select its clock source by
bits TMR0CLK/TMR1CLK. TMRC as shown in
the table.
Labels (TMRC0
and TMRC1)
Bits
Function
TMR0EN,
TMR1EN
0
1
Enable/disable timer counting
(0=disable; 1=enable)
TMR0EDG,
TMR1EDG
2
3
Define the TMR0 and TMR1 active edge
(0=active on low to high; 1=active on high to low)
TMR0CLK
4
Select TMR0 clock source
(0=X1-clock; 1=OSC1 input clock/system clock)
TMR1CLK
5
Select TMR1 clock source if internal clock input is selected
(0=X1-clock; 1=OSC1 input clock/system clock)
TMR1MOD
7
Define the TMR1 operation mode
(0=internal clock input; 1=external clock input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com