Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 3.6V
Storage Temperature.................-55°Cto150°C
Input Voltage.................VSS-0.5V to VDD+0.5V
Operating Temperature ..............-30°Cto85°C
Current Drain Per Pin Excluding VDD and VSS............................................................................10mA
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾ 3V application
2.4
3.0
3.5
V
IDD
Operating Current
3V
No load,
OSC1=1MHz
fX1=76.8kHz
¾
300
¾mA
ISTP
HALT Mode Current
3V No load, mC clock stop,
fX1=76.8kHz
¾¾
100
mA
VIL
Input low Voltage for
I/O Port
3V
¾
0
¾ 0.3´VDD
V
VIH
Input High Voltage for
I/O Port
3V
¾
0.7´VDD ¾
3V
VIL1
Input low Voltage
3V
¾
0
¾ 0.3´VDD V
VIH1
Input High Voltage
3V
¾
0.7´VDD ¾
3V
VIL2
Input low Voltage (BAF)3V
¾
0
¾
0.9
V
VIH2
Input High Voltage (BAF)3V
¾
1.0
¾
3V
VOL
Output low Voltage
3V
¾¾
¾
0.4
V
VOH
Output High Voltage
3V
¾
2.3
¾¾
V
IOL
I/O Port Sink Current
3V VOL=0.3V
2.0
3.6
¾
mA
IOH
I/O Port Source Current
3V VOH=2.7V
-1.2
-2.2
¾
mA
IOL1
BZ, PC0~PC1 Sink Current 3V VOL=0.3V
2
4.5
¾
mA
IOH1
BZ, PC0~PC1 Source Current 3V VOH=2.7V
-1.5
-2.5
¾
mA
IOL2
BS1, BS2, BS3 Sink Current 3V VOL=0.3V
350
¾¾
mA
IOH2
BS1,BS2,BS3SourceCurrent 3V VOH=2.7V
-1.0
¾¾
mA
ROSC
RC Oscillator Resistor
3V fOSC=1MHz
¾
51
¾
kW
RPH
I/O Port Pull-high
Resistance
3V
¾
100
250
¾
kW
HT9580
6
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com