Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Name
Opcode
Addr
Mode
Flags
No.
Bytes
No.
Cyc.
Description
NV E B D I Z C
ADC
69
IMM
+ + ---- + +
2
2
A+M+C=>A, C Add with carry
ADC
65
ZPG
+ + ---- + +
2
3
A+M+C=>A, C Add with carry
ADC
75
ZPX
+ + ---- + +
2
4
A+M+C=>A, C Add with carry
ADC
6D
ABS
+ + ---- + +
3
4
A+M+C=>A, C Add with carry
ADC
7D
ABX
+ + ---- + +
3
4
A+M+C=>A, C Add with carry
ADC
79
ABY
+ + ---- + +
3
4
A+M+C=>A, C Add with carry
ADC
72
IND
+ + ---- + +
2
5
A+M+C=>A, C Add with carry
ADC
61
IDX
+ + ---- + +
2
6
A+M+C=>A, C Add with carry
ADC
71
IDY
+ + ---- + +
2
5
A+M+C=>A, C Add with carry
AND
29
IMM
+ ----- + -
2
2
A&M=>A
AND A with M
AND
25
ZPG
+ ----- + -
2
3
A&M=>A
AND A with M
AND
35
ZPX
+ ----- + -
2
4
A&M=>A
AND A with M
AND
2D
ABS
+ ----- + -
3
4
A&M=>A
AND A with M
AND
3D
ABX
+ ----- + -
3
4
A&M=>A
AND A with M
AND
39
ABY
+ ----- + -
3
4
A&M=>A
AND A with M
AND
32
IND
+ ----- + -
2
5
A&M=>A
AND A with M
AND
21
IDX
+ ----- + -
2
6
A&M=>A
AND A with M
AND
31
IDY
+ ----- + -
2
5
A&M=>A
AND A with M
ASL
0A
ACC
+ ----- + +
1
2
A<1=>A shift left 1, C<-7, 0<-zero
ASL
06
ZPG
+ ----- + +
2
5
M<1=>M shift left 1, C<-7, 0<-zero
ASL
16
ZPX
+ ----- + +
2
6
M<1=>M shift left 1, C<-7, 0<-zero
ASL
0E
ABS
+ ----- + +
3
6
M<1=>M shift left 1, C<-7, 0<-zero
ASL
1E
ABX
+ ----- + +
3
7
M<1=>M shift left 1, C<-7, 0<-zero
BBR0
0F
REL
--------
3
5+b
If M (0)=0, PC<=PC+Off (Off sign ext)
BBR1
1F
REL
--------
3
5+b
If M (1)=0, PC<=PC+Off (Off sign ext)
BBR2
2F
REL
--------
3
5+b
If M (2)=0, PC<=PC+Off (Off sign ext)
BBR3
3F
REL
--------
3
5+b
If M (3)=0, PC<=PC+Off (Off sign ext)
BBR4
4F
REL
--------
3
5+b
If M (4)=0, PC<=PC+Off (Off sign ext)
BBR5
5F
REL
--------
3
5+b
If M (5)=0, PC<=PC+Off (Off sign ext)
BBR6
6F
REL
--------
3
5+b
If M (6)=0, PC<=PC+Off (Off sign ext)
BBR7
7F
REL
--------
3
5+b
If M (7)=0, PC<=PC+Off (Off sign ext)
BBS0
8F
REL
--------
3
5+b
If M (0)=1, PC<=PC+Off (Off sign ext)
BBS1
9F
REL
--------
3
5+b
If M (1)=1, PC<=PC+Off (Off sign ext)
BBS2
AF
REL
--------
3
5+b
If M (2)=1, PC<=PC+Off (Off sign ext)
BBS3
BF
REL
--------
3
5+b
If M (3)=1, PC<=PC+Off (Off sign ext)
BBS4
CF
REL
--------
3
5+b
If M (4)=1, PC<=PC+Off (Off sign ext)
HT9580
52
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com