Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
HT9580
46
April 28, 2000
Preliminary
Addressing modes
The M6502 supports fifteen (15) addressing
modes, shown in table below. In interpreting
this table you should note that:
· The byte following a 2 byte opcode = IAL (typ.)
· The 2 bytes following a 3 byte opcode = BAL
and BAH (typ.)
· Standard assembly notation is used
· A number in parenthesis indicates that the
contents of the location pointed to by the
number are to be used. For example (12H) in-
dicates the contents of address 12H.
· A comma in the address is used to indicate the
high and low byte of an address. For example
(01H, AAH) indicates the contents of address
01AAH.
Mode
Description
IMP
IMPLIED: The data is implied in the opcode (example: CLC)
ACC
ACCUMULATOR: The accumulator is used as the source data. (data=AREG)
IMM
IMMEDIATE: The byte following the opcode is the data. (data=IAL)
ZPG
ZERO PAGE: The first 256 RAM locations (0000H~00FFH) are used for fast access
and small code size. The upper 8-bit of the address are always zero. [data=(00, IAL)]
ZPX
ZERO PAGE INDIRECT X: The X register is added to the byte following the opcode to
give a new zero page address. Note that the upper 8-bit of the address are always zero.
[data=(00, IAL+X)]
ZPY
ZERO PAGE INDIRECT Y: The Y register is added to the byte following the opcode to
give a new zero page address. Note that the upper 8-bit of the address are always zero.
Only the LDX and the STX opcodes use this mode. [data=(00, IAL+Y)]
ABS
ABSOLUTE: The two bytes following the opcode give the absolute address of the data.
[data=(BAH, BAL)]
ABX
ABSOLUTE X: The X register is added to the two bytes following the opcode to produce
a new 16-bit address. {data=[(BAH, BAL)]+X}
ABY
ABSOLUTE Y: The Y register is added to the two bytes following the opcode to produce
a new 16-bit address. {data=[(BAH, BAL)]+Y}
ABI
ABSOLUTE INDIRECT: The two bytes following the opcode are used as a pointer to
memory. Only the JMP opcode uses this mode. [data=(BAH, BAL)]
AIX
INDEXED ABSOLUTE INDIRECT X: The two bytes following the opcode are added to
the X register to yield a new 16-bit address. The contents of this address and the fol-
lowing one are used as an indirect address. Only the JMP opcode uses this mode.
{data=[(BAH, BAL+X+1), (BAH, BAL+X)]}
IND
INDIRECT: The byte following the opcode is used as a pointer to the zero page. The
contents of this address and the following one are used as the address to finally access
the data. {data=[(IAL+1), (IAL)]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com