Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9580 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
HT9580
Character Pager Controller
1
April 28, 2000
Preliminary
Features
·
Operating voltage: 2.4V~3.5V
·
Temperature range: -30°Cto+85°C
·
low power, high performance M6502 core
·
low power crystal oscillator control
-
512/1200/2400 bps data rate operation
·
²CCIR Radio Paging Code No.1² (POCSAG)
compatible
·
76.8kHz crystal for all available data rates
·
High/low system clock switching capability
·
44 Kbytes program ROM
·
848 bytes global data RAM
·
Internal 2 Mbits Character ROM
·
256 Kbits internal SRAM
·
External option up to 2 Mbits Character
ROM or 2 Mbits SRAM
·
SED15X(KSX), MC141X and HD66410
series LCD driver compatible interface
option
·
46 bytes message buffer
·
One 16-bit timer and one 8-bit timer
·
Internal 2Hz or 1Hz RTC or Real Time
Clock option
·
Single buzzer generator output (BZ) with
duty cycle control
·
low current HALT mode operation
·
16-bit watchdog timer
·
Built-in data filter (16-times over-sampling )
and bit clock recovery
·
Advanced synchronization algorithm
·
2-bit random and (optional) 4-bit burst er-
ror correction for address and message
·
Up to 6 user addresses and 6 user frames,
independently programmable
·
3 RF power-on timing control pins
and Received data inversion (optional)
·
Built in SPI circuit
·
Out-of-range condition indicator
·
One internal 8-bit D/A converter
·
Battery fail and battery low detection
·
80-pin LQFP package
General Description
The HT9580 is a high performance pager con-
troller which can be used for Chinese Pager
system applications. The HT9580 4-in-1 Char-
acter Pager Controller combines a POCSAG de-
coder with a M6502 microprocessor core, 2
Mbits Character ROM and 256 Kbits SRAM to
provide both high decoder performance and ex-
cellent system flexibility. The decoder utilizes a
2-bit random error correction algorithm and
therefore provides excellent decoder sensitiv-
ity. The controller contains a full function
pager decoder at a 512, 1200, 2400 bps data
rates. Using an M6502 core takes advantage of
a flexible external control interface, LCD driver
chips and abundant programming resources
from worldwide providers. The internal SPI
would communicate with SPI of FLEXTM high
speed pager decoder.
FLEX
TM is a trademark of Motorola Inc.


Similar Part No. - HT9580

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
Caller ID Telephone IC
March 22, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95A100 HOLTEK-HT95A100 Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95A100/10P HOLTEK-HT95A100/10P Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
More results

Similar Description - HT9580

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
Pager baseband controller
1998 Nov 02
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
Pager receiver
2000 Jan 18
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
Pager Controller
23th Feb 98
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
Character/Graphic TFT LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com