Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
HT9580
30
April 28, 2000
Preliminary
SPI SPEED register (write only)
Address
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
State on
POR
0033H
SPI-SPEED
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0000 0000
The register will determine the SCK clock frequency of SPI. When SPEED register are 00H, the SCK
clock output is high. The value of the frequency divider, ranging from 1 (SPEED=01H)~255
(SPEED=FFH). If SPEED=00H, the SCK output will be disabled.
X1- c l o c k
8- bi t S P E E D C oun t e r
SP I C o n t r o l
SP I
SC K
SPI output buffer register (write only)
Address
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
State on
POR
0034H
SPI-OUT3
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
0035H
SPI-OUT2
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
0036H
SPI-OUT1
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
0037H
SPI-OUT0
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
The SPI-OUT3~0 are used when transmitting data on the serial bus. Only valid data write to the reg-
ister SPI-OUT3~0 and "START" initiating will begin the SPI data transmission from HT9580 to
FLEXTM decoder. After completion of the 4-byte data transfer, the "SPIFG" status bit will be set and
the internal signal ²REQST² will generate a falling edge signal for NMI. The bit7 of SPI-OUT3 is
MSB and bit0 of SPI-OUT0 is LSB.
SP I F G
RE Q S T
(N M I )
RE Q S T
( r egi s t er )
ST AR T
( r egi s t er )
Logi c H i gh
SC K
MO S I
( f r o m H T 95 80)
SP I - O U T 3 ~ 0
SP I - I N 3 ~ 0
MI S O
( f r o m dec od er )
S S ( t o d ec oder )
SR D Y
( f r o m dec od er )
S P I pac k e t e x c h ange i ni t i at ed b y t he H T 9580
MS B
MS B
2
2
1
1
LS B
LS B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com